Part Number Hot Search : 
0LFFH 15009 DP030U HIP8112A HAM10S 2SB11 PEOSSO3B APM4546K
Product Description
Full Text Search
 

To Download IRF7465 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-93896
SMPS MOSFET
Applications High frequency DC-DC converters
IRF7465
HEXFET(R) Power MOSFET RDS(on) max 0.28@VGS = 10V ID
1.9A
l
VDSS
150V
Benefits Low Gate to Drain Charge to Reduce Switching Losses l Fully Characterized Capacitance Including Effective COSS to Simplify Design (See App. Note AN1001) l Fully Characterized Avalanche Voltage and Current
l
S S S G
1
8
A A D D D D
2
7
3
6
4
5
T o p V ie w
SO-8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
1.9 1.5 15 2.5 0.02 30 7.8 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 50
Units
C/W
Notes through are on page 8
www.irf.com
1
2/8/01
IRF7465
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 150 --- --- 3.0 --- --- --- --- Typ. --- 0.19 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.28 VGS = 10V, ID = 1.14A 5.5 V VDS = VGS, ID = 250A 25 VDS = 150V, VGS = 0V A 250 VDS = 120V, VGS = 0V, TJ = 125C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 0.75 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 10 2.7 5.0 7.0 1.2 10 9.0 330 80 16 420 41 76 Max. Units Conditions --- S VDS = 50V, ID = 1.14A 15 ID = 1.14A 4.0 nC VDS = 120V 7.5 VGS = 10V --- VDD = 75V --- ID = 1.14A ns --- RG = 6.0 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 120V, = 1.0MHz --- VGS = 0V, VDS = 0V to 120V
Avalanche Characteristics
Parameter
EAS IAR Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
40 1.9
Units
mJ A
Diode Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 62 160 2.3 A 15 1.3 93 240 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 1.14A, VGS = 0V TJ = 25C, IF = 1.14A di/dt = 100A/s
D
S
2
www.irf.com
IRF7465
100
VGS TOP 15V 12V 10V 8.0V 7.5V 7.0V 6.5V BOTTOM 6.0V
100
VGS 15V 12V 10V 8.0V 7.5V 7.0V 6.5V BOTTOM 6.0V TOP
ID, Drain-to-Source Current (A)
10
ID, Drain-to-Source Current (A)
10
6.0V
1
1
6.0V 20s PULSE WIDTH Tj = 25C
0.1 0.1 1 10 100
20s PULSE WIDTH Tj = 150C
0.1 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
ID = 1.9A
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
2.0
10
TJ = 150 C
1.5
TJ = 25 C
1
1.0
0.5
0.1 6.0
V DS = 25V 20s PULSE WIDTH 9.0 7.0 8.0 10.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7465
10000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd , C gs ds SHORTED Crss = C gd Coss = C + C ds gd 20
ID = 1.14A
VGS , Gate-to-Source Voltage (V)
16
1000
C, Capacitance(pF)
VDS = 120V VDS = 75V VDS = 30V
Ciss
100
12
Coss Crss
8
10
4
1 1 10 100 1000
0 0 4 8 12 16
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100 OPERATION IN THIS AREA LIMITED BY R DS(on)
ISD , Reverse Drain Current (A)
10
ID , Drain-to-Source Current (A)
10
TJ = 150 C TJ = 25 C
1
100sec 1 1msec T A = 25C T J = 150C 0.1 Single Pulse 1 10 100 1000 10msec
0.1 0.4
V GS = 0 V
0.6 0.8 1.0
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7465
2.0
VDS VGS
1.5
RD
D.U.T.
+
I D , Drain Current (A)
RG
-VDD
1.0
10V
Pulse Width 1 s Duty Factor 0.1 %
0.5
Fig 10a. Switching Time Test Circuit
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Ambient Temperature
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50
10
0.20 0.10 0.05 0.02
1 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01
Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.1 1 10
P DM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7465
R DS ( on) , Drain-to-Source On Resistance ( ) RDS(on) , Drain-to -Source On Resistance ( )
0.40 0.50
0.36
0.45
0.40
0.32
VGS = 10V
0.28
0.35
0.30
ID = 1.14A
0.24
0.25
0.20 0 4 8 12 16
0.20 6 8 10 12 14 16
ID , Drain Current (A)
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
100
EAS , Single Pulse Avalanche Energy (mJ)
VG
VGS
3mA
Charge
IG ID
80
TOP BOTTOM ID 0.8A 1.5A 1.9A
Current Sampling Resistors
Fig 14a&b. Basic Gate Charge Test Circuit and Waveform
60
40
15 V
20
V (B R )D S S tp VD S L DRIVE R
0 25 50 75 100 125 150
RG 20V IAS tp
D .U .T IA S 0.01
+ V - DD
A
Starting TJ , Junction Temperature ( C)
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF7465
SO-8 Package Details
D -B-
D IM
5
IN C H E S M IN .05 32 .00 40 .01 4 .00 75 .18 9 .15 0 M AX .06 88 .00 98 .01 8 .009 8 .196 .15 7
M ILLIM E T E R S M IN 1.3 5 0.1 0 0.3 6 0.19 4.80 3.8 1 M AX 1.75 0.25 0.46 0.25 4.98 3.99
A
6 5 H 0 .2 5 (.0 1 0 ) M AM
5
8 E -A-
7
A1 B C D E e e1 H K
0 .1 0 (.0 0 4 ) L 8X 6 C 8X
1
2
3
4
e 6X
e1 A
K x 4 5
.05 0 B A S IC .02 5 B A S IC .22 84 .01 1 0.16 0 .244 0 .01 9 .05 0 8
1.27 B A S IC 0 .635 B A S IC 5.8 0 0.2 8 0.4 1 0 6.20 0.48 1.27 8
-C B 8X 0 .2 5 (.0 1 0 ) A1 M CASBS
L
R E C O M M E N D E D F O O T P R IN T 0 .7 2 (.0 2 8 ) 8X
NOTES: 1 . D IM E N S IO N IN G A N D T O L E R A N C IN G P E R A N S I Y 1 4 .5 M -1 9 8 2 . 2 . C O N T R O L L IN G D IM E N S IO N : IN C H . 3 . D IM E N S IO N S A R E S H O W N IN M IL L IM E T E R S (IN C H E S ). 4 . O U T L IN E C O N F O R M S T O J E D E C O U T L IN E M S -0 1 2 A A . 5 D IM E N S IO N D O E S N O T IN C L U D E M O L D P R O T R U S IO N S M O L D P R O T R U S IO N S N O T T O E X C E E D 0 .2 5 (.0 0 6 ). 6 D IM E N S IO N S IS T H E L E N G T H O F L E A D F O R S O L D E R IN G T O A S U B S T R A T E ..
6 .4 6 ( .2 5 5 )
1 .7 8 (.0 7 0 ) 8X
1 .2 7 ( .0 5 0 ) 3X
SO-8 Part Marking
www.irf.com
7
IRF7465
SO-8 Tape and Reel
TER M IN AL N UM B ER 1
1 2.3 ( .484 ) 1 1.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
F EE D D IRE C TIO N
N OT E S : 1 . CO NT RO L L ING DIM E NSIO N : M IL L IM E T E R . 2 . A L L D IM E N S ION S A R E S H O W N IN M ILL IM E TE R S (INC HE S ). 3 . OU TL IN E CO N FO RM S T O E IA -4 8 1 & E IA -5 4 1 .
33 0.00 (12.992) M AX .
14.4 0 ( .566 ) 12.4 0 ( .488 ) N O T ES : 1 . CO NT RO LL ING D IM EN SIO N : M ILLIME TER . 2 . O U TLIN E C O NF O RM S T O E IA-48 1 & E IA -54 1.
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 400s; duty cycle 2%. When mounted on 1 inch square copper board
Starting TJ = 25C, L = 22mH
RG = 25, IAS = 1.9A.
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 2/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7465

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X